Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
 

To Download NT90TNLASDC18VS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  prsente / presents:
safety approval ul&cur t v cqc load no:40a/240vac 30a/277v ac no:40a/240vac 14vdc no:30a/240v ac nc:30a/240vac 20a/277v ac nc:30a/240vac 14vdc nc:20a/240v ac 2 hp 250vac tv-5 insulation b-class 1 hp 250vac f-class insulation b-class f-class dimensions mounting (bottom view) dimensions wiring diagram(bottom view) notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . reference data 12 10 8 6 4 t i m e ( m s e c ) safety approvals 119 n t 9 0 t ( t 9 1 ) small size, light weight. low coil power consumption, heavy contact load. strong anti-shock and anti-vibration, high reliability, long life. suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications. pc board mounting and direct insert mounting available. ordering information nt90t h l a s dc12v c b 0.9 1 2 3 4 5 6 7 8 9 1 part number nt90t nt90t 2 2 load h:30a n:40a 3 high nil: standard l: low profile type 4 contact arrangement a:1a b:1b c:1c 5 enclosure s: sealed type d: dust cover e: covered o: open type 6 coil rated voltage(v) ac:12,24,110,120,220 dc:3,5,6,9,12,15,18,24,48,110 7 contact material c: agcdo s: agsno i: agsno in o 2 2 2 3 8 resist heat class b:130 f:155 9 coil power consumption 0.6:0.6w 0.9:0.9w nil:2va contact arrangement 1a spstbno 1b spstnc 1c spdt(b-m) contact material agcdo agsno agsno in o 22 2 3 contact rating (resistive) max. switching power 1100w 7200va max. switching voltage 1 10vdc 250vac max. switching current:40a contact resistance or voltage drop 30m item 3.12 of iec255-7 5 operation electrical 10 item 3.30 of iec255-7 life mechanical 7 10 item 3.31 of iec255-7 coil parameter caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. features 03001003503 e9930952e01 r2033977.06 e160644 e233737 patent no. 99312549.2 02110881.1 32.4 27.5 28.0 32.4 27.5 20 nt90t 2 contact data n t 9 0 t ( t 9 1 ) no:30a/240vac,14vdc; nc:20a/240vac;30a/14vdc no:40a/250vac,30vdc; nc:30a/250v ac,30vdc (0.9w) no:30a/277vac;nc:20a/277v ac motor load 2hp 250vac 1.5hp 250v lamp load tv-5 release time ms ac coil parameter 012ac 12 15.6 27 9.0 3.6 024ac 24 31.2 120 18.0 7.2 110ac 110 143 2360 82.5 33.0 120ac 120 156 3040 90.0 36.0 220ac 220 286 13490 165.0 66.0 dash numbers rated voltage vac coil resistance 10% pick up voltage vac(max) (75%of rated voltage) release voltage vac(min) (30%of rated voltage) coil power operate time ms rated max 2va rated current ma 187 95 20 16.5 6.4 hp:a 1hp/16afla/120v ac 2hp/12afla/240vac b 30lra/10afla/120vac 30lra/10afla/240vac mm /inch 0.047 0.047 0.027 0.027 0.031 0.059 0 . 0 2 0 0 . 1 3 0 0 . 0 2 0 ( 0 . 1 4 6 ) 1 . 0 8 7 m a x . 0 . 8 8 2 0 . 7 8 7 0.492 2.4 0.094 0 . 2 0 9 0.724 1.279max. 0 . 7 8 7 m a x . 0 . 5 5 1 0 . 1 5 0 0.606 0.303 0.303 0.043 0.1 0 . 7 0 1 0.303 0.606 0 . 1 5 0 0 . 5 5 1 0.043 0 . 7 0 1 0.303 0.1 0.606 0 . 3 5 0 0.130 3.3 17max. 0.669max. 24.2max. 0.953max. open type 2 0 m a x . 2 7 . 6 m a x . 2 1 ningb o huaguan relay corporation ltd. nhg relays
5.4 0 . 9 5 5 ? 0 . 5 8 32.4 0.75 8 2 7 . 5 1 0 2-0.8 1.5 3-6.4 0.8 0 . 4 2- ? 0.8 1.2x1.2 2 0 ( 3 . 3 ) 8 dash numbers coil voltage v coil resistance 10% pick up voltage vdc(max) (75% of rated voltage) release voltage vdc(min) (10% of rated voltage) coil power w operate time ms release time ms rated max. caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. operation condition insulation resistance 1000m min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts 50hz 1500v item 6 of iec255-5 between contact and coil 50hz 2500v item 6 of iec255-5 2 shock resistance 200m/s 11ms iec68-2-27 t est ea vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 test fc terminals strength 10n iec68-2-21 t est ua1&ua2 solderability 235 2 3 0.5s iec68-2-20 t est t a method 1 ambient t emperature -55~100 -55~125 relative humidity 85% (at 40 ) iec68-2-3 t est ca mass 31g low profile type 35g qualification inspection: perform the qualification test as specified in the table of iec255-19-1 and minimum sample size 24. coil parameter dc coil parameter 0.9 15 10 0.6 15 10 003-900 3 3.9 10 2.25 0.3 005-900 5 6.5 28 3.75 0.5 006-900 6 7.8 40 4.50 0.6 009-900 9 11.7 90 6.75 0.9 012-900 12 15.6 160 9.00 1.2 015-900 15 19.5 250 10.25 1.5 018-900 18 23.4 360 13.50 1.8 024-900 24 31.2 640 18.00 2.4 048-900 48 62.4 2560 36.00 4.8 110-900 110 143 13445 82.50 11.0 003-600 3 3.9 15 2.25 0.3 005-600 5 6.5 42 3.75 0.5 006-600 6 7.8 60 4.50 0.6 009-600 9 11.7 135 6.75 0.9 012-600 12 15.6 240 9.00 1.2 015-600 15 19.5 375 10.25 1.5 018-600 18 23.4 540 13.50 1.8 024-600 24 31.2 960 18.00 2.4 048-600 48 62.4 3840 36.00 4.8 110-600 110 143 20167 82.50 11.0 dimensions notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . 122 n t 9 0 t ( t 9 1 ) nt90t wiring diagram(bottom view) mounting (bottom view) nt9 0t nc nc co m mm /inch 1 . 0 8 3 m a x . 1.275max. 0.315 0 . 3 1 5 0 . 3 9 4 0.029 0.213 0 . 0 3 7 0 . 3 1 5 0 . 1 9 7 0 . 0 2 0 ( 0 . 1 3 0 ) 0.047 0.047 0.031 0.059 0 . 7 8 7 m a x . 0.252 0.031 0 . 0 1 6 0.031 0.213 0.029 1.275max. 0.3 15 0 . 3 1 5 1 . 0 8 3 m a x . 0 . 0 3 7 0 . 3 9 4 0.031 0.059 1 . 1 0 2 m a x . 0 . 1 9 7 0 . 0 2 0 ( 0 . 1 3 0 ) 0 . 0 2 0 0.031 0.047 0.047 1 0 2 7 . 5 3 - 6 . 3 5 2 8 32.4 3 . 3 ? 0 . 5 0 . 4 3-0.8 6 7.7 12.3 1 7 . 3 1 . 0 8 3 m a x . 1.275max. 0 . 2 5 0 0.031 0.484 0.303 0 . 3 9 4 0 . 6 8 1 1 . 1 0 2 m a x . 0 . 0 1 6 0 . 1 3 0 0 . 0 2 0 1 0 3 - 6 . 3 5 2 7 . 8 1 9 . 5 32.4 3 . 3 ? 0 . 5 0 . 4 3-0.8 2 7 . 5 1 7 . 3 nt90t 2 dimensions nt 90 t 2 co m no n c wiring diagram(t op view) 0 . 0 1 6 0.031 0 . 3 9 4 0 . 2 5 0 1 . 0 8 3 m a x . 1.275max. 1 . 0 9 4 m a x . 0 . 1 3 0 0 . 0 2 0 0 . 7 6 8 0.606 0.303 0.083 0.043 0.1 0 . 1 5 0 0 . 5 5 1 0 . 7 0 1 5 0 . 5 3 . 3 0 . 5 5 0 . 5 ( 3 . 3 ) 0 . 6 8 1 3 . 3 0 . 5 max. m a x . 2 8 m a x . max. m a x . m a x . max. m a x . m a x . m a x . ningb o f orward relay corpo ration l td. 32.4max. 8 8 2 7 . 5 m a x . 1 0 0 . 7 5 5.4 0.75 2- 0.8 1.2 1.2 2-0.8 1.5 0 . 5 nhg relays
5.4 0 . 9 5 5 ? 0 . 5 8 32.4 0.75 8 2 7 . 5 1 0 2-0.8 1.5 3-6.4 0.8 0 . 4 2- ? 0.8 1.2x1.2 2 0 ( 3 . 3 ) 8 dash numbers coil voltage v coil resistance 10% pick up voltage vdc(max) (75% of rated voltage) release voltage vdc(min) (10% of rated voltage) coil power w operate time ms release time ms rated max. caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. operation condition insulation resistance 1000m min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts 50hz 1500v item 6 of iec255-5 between contact and coil 50hz 2500v item 6 of iec255-5 2 shock resistance 200m/s 11ms iec68-2-27 t est ea vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 test fc terminals strength 10n iec68-2-21 t est ua1&ua2 solderability 235 2 3 0.5s iec68-2-20 t est t a method 1 ambient t emperature -55~100 -55~125 relative humidity 85% (at 40 ) iec68-2-3 t est ca mass 31g low profile type 35g qualification inspection: perform the qualification test as specified in the table of iec255-19-1 and minimum sample size 24. coil parameter dc coil parameter 0.9 15 10 0.6 15 10 003-900 3 3.9 10 2.25 0.3 005-900 5 6.5 28 3.75 0.5 006-900 6 7.8 40 4.50 0.6 009-900 9 11.7 90 6.75 0.9 012-900 12 15.6 160 9.00 1.2 015-900 15 19.5 250 10.25 1.5 018-900 18 23.4 360 13.50 1.8 024-900 24 31.2 640 18.00 2.4 048-900 48 62.4 2560 36.00 4.8 110-900 110 143 13445 82.50 11.0 003-600 3 3.9 15 2.25 0.3 005-600 5 6.5 42 3.75 0.5 006-600 6 7.8 60 4.50 0.6 009-600 9 11.7 135 6.75 0.9 012-600 12 15.6 240 9.00 1.2 015-600 15 19.5 375 10.25 1.5 018-600 18 23.4 540 13.50 1.8 024-600 24 31.2 960 18.00 2.4 048-600 48 62.4 3840 36.00 4.8 110-600 110 143 20167 82.50 11.0 121 dimensions notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . n t 9 0 t ( t 9 1 ) nt90t wiring diagram(bottom view) mounting (bottom view) nt9 0t nc nc co m mm /inch 1 . 0 8 3 m a x . 1.275max. 0.315 0 . 3 1 5 0 . 3 9 4 0.029 0.213 0 . 0 3 7 0 . 3 1 5 0 . 1 9 7 0 . 0 2 0 ( 0 . 1 3 0 ) 0.047 0.047 0.031 0.059 0 . 7 8 7 m a x . 0.252 0.031 0 . 0 1 6 0.031 0.213 0.029 1.275max. 0.3 15 0 . 3 1 5 1 . 0 8 3 m a x . 0 . 0 3 7 0 . 3 9 4 0.031 0.059 1 . 1 0 2 m a x . 0 . 1 9 7 0 . 0 2 0 ( 0 . 1 3 0 ) 0 . 0 2 0 0.031 0.047 0.047 1 0 2 7 . 5 3 - 6 . 3 5 2 8 32.4 3 . 3 ? 0 . 5 0 . 4 3-0.8 6 7.7 12.3 1 7 . 3 1 . 0 8 3 m a x . 1.275max. 0 . 2 5 0 0.031 0.484 0.303 0 . 3 9 4 0 . 6 8 1 1 . 1 0 2 m a x . 0 . 0 1 6 0 . 1 3 0 0 . 0 2 0 1 0 3 - 6 . 3 5 2 7 . 8 1 9 . 5 32.4 3 . 3 ? 0 . 5 0 . 4 3-0.8 2 7 . 5 1 7 . 3 nt90t 2 dimensions nt 90 t 2 co m no n c wiring diagram(t op view) 0 . 0 1 6 0.031 0 . 3 9 4 0 . 2 5 0 1 . 0 8 3 m a x . 1.275max. 1 . 0 9 4 m a x . 0 . 1 3 0 0 . 0 2 0 0 . 7 6 8 0.606 0.303 0.083 0.043 0.1 0 . 1 5 0 0 . 5 5 1 0 . 7 0 1 5 0 . 5 3 . 3 0 . 5 5 0 . 5 ( 3 . 3 ) 0 . 6 8 1 3 . 3 0 . 5 max. m a x . 2 8 m a x . max. m a x . m a x . max. m a x . m a x . m a x . ningb o huaguan relay corporation ltd. 32.4max. 8 8 2 7 . 5 m a x . 1 0 0 . 7 5 5.4 0.75 2- 0.8 1.2 1.2 2-0.8 1.5 0 . 5
safety approvals safety approval ul &cur t v cqc load no:40a/240v ac 30a/277v ac no: 40a/240vac 14vdc no: 30a/240v ac nc: 30a/240v ac 20a/277v ac nc: 30a/240v ac 14vdc nc: 20a/240vac 2hp 250v ac insulation b-class 1 hp 250v ac tv -5 f-class insulation b-class f-class reference data small size, light weight. low coil power consumption, heavy contact load. strong anti-shock and anti-vibration, high reliability, long life. suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications. ordering information n90tp h l a s dc12v c b 0.9 1 2 3 4 5 6 7 8 9 6 coil rated voltage(v) ac:12,24, 1 10,120,220 dc:3,5,6,9,12,15,18,24,48,110 7 contact material c: agcdo s: agsno 2 ; 8 resist heat class b:130 f:155 9 coil power consumption 0.6:0.6w 0.9:0.9w nil:2va i: agsno in o 2 2 3 1 part number nt90tp t92 nt90tp 2 2 load h:30a n:40a 3 high nil: standard l: low profile type 4 contact arrangement a:1a b:1b c:1c 5 enclosure s: sealed type d: dust cover e: covered contact data contact arrangement 1a spstno 1b spstnc 1c spdt(b-m) contact material agcdo agsno agsno in o 22 2 3 contact rating (resistive) max. switching power 1100w 7200va max. switching v oltage 1 10vdc 250v ac max. switching current:40a contact resistance or voltage drop 30m item 3.12 of iec255-7 5 operation electrical 10 item 3.30 of iec255-7 7 life mechanical 10 item 3.31 of iec255-7 coil parameter caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. n t 9 0 t p ( t 9 2 ) 03001003503 e9930952 r2033977.07 e160644 32.4(50) 27 20 32.4(50) 27 28.5 features 124 n t 9 0 t p ( t 9 2 ) r c us patent no.02110881.1 no:30a/240vac,14vdc; nc:20a/240vac;30a/14vdc no:40a/250vac,30vdc; nc:30a/250v ac,30vdc (0.9w) no:30a/277vac;nc:20a/277v ac motor load 2hp 250vac 1.5hp 250v lamp load tv-5 release time ms ac coil parameter 012ac 12 15.6 27 9.0 3.6 024ac 24 31.2 120 18.0 7.2 110ac 110 143 2360 82.5 33.0 120ac 120 156 3040 90.0 36.0 220ac 220 286 13490 165.0 66.0 dash numbers rated voltage vac coil resistance 10% pick up voltage vac(max) (75%of rated voltage) release voltage vac(min) (30%of rated voltage) coil power operate time ms rated max 2va rated current ma 187 95 20 16.5 6.4 hp:a 1hp/16afla/120v ac 2hp/12afla/240vac b 30lra/10afla/120vac 30lra/10afla/240vac 2 1 ningb o f orward relay corpo ration l td. nhg relays


▲Up To Search▲   

 
Price & Availability of NT90TNLASDC18VS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X